PART |
Description |
Maker |
HUF76105DK8 FN4380 HUF76105DK8T |
5A/ 30V/ 0.050 Ohm/ Dual N-Channel/ Logic Level UltraFET Power MOSFET From old datasheet system 5A, 30V, 0.050 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET 5A, 30V, 0.050 Ohm, Dual N-Channel,Logic Level UltraFET Power MOSFET(5A, 30V, 0.050 Ω,双N沟道,逻辑电平,UltraFET功率MOS场效应管) TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 5A I(D) | SO 5 A, 30 V, 0.072 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET, MS-012AA
|
Intersil Corporation Intersil, Corp.
|
HUF76633S3S HUF76633P3 HUF76633S3ST HUF76633S3STNL |
38A,100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFETPower MOSFET 38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 39 A, 100 V, 0.037 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB TRANSISTOR | MOSFET | N-CHANNEL | 100V V(BR)DSS | 39A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 100V的五(巴西)直| 39A条(丁)|63AB 38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 39 A, 100 V, 0.037 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp. Intersil, Corp.
|
RF1K49086 |
3.5A, 30V, 0.06 Ohm, Dual N-Channel LittleFET⑩ Power MOSFET 3.5A, 30V, 0.06 Ohm, Dual N-Channel LittleFET Power MOSFET
|
INTERSIL[Intersil Corporation]
|
S8C5H30L STS8C5H30L STS8C5H30L_07 STS8C5H30L07 |
N-channel 30V - 0.018 ohm - 8A/P-channel 30V - 0.045 ohm - 5A - SO-8 Low gate charge STripFET III MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STFW69N65M5 STW69N65M5 |
N-channel 650 V, 0.037 Ohm, 58 A MDmesh(TM) V Power MOSFET in TO-3PF package N-channel 650 V, 0.037 Ω typ., 58 A MDmesh?V Power MOSFET in TO-3PF and TO-247 packages N-channel 650 V, 0.037 Ω typ., 58 A MDmesh V Power MOSFET in TO-3PF and TO-247 packages
|
ST Microelectronics STMicroelectronics
|
STS3DPF30L |
DUAL P-CHANNEL 30V - 0.13 OHM - 3A SO-8 STRIPFET POWER MOSFET
|
ST Microelectronics
|
STS5PF30L 6063 |
DUAL N-CHANNEL 30V - 0.022 OHM - 6A SO-8 STRIPFET POWER MOSFET From old datasheet system
|
STMicroelectronics
|
STS6DNF30V |
DUAL N-CHANNEL 30V 0.026 OHM 6A SO-8 2.5V DRIVE STRIPFET II POWER MOSFET DUAL N-CHANNEL 30V - 0.026ohm - 6A SO-8 2.5V-DRIVE STripFET II POWER MOSFET
|
ST Microelectronics STMicroelectronics
|
FDB6670S FDP6670S FDB6670SNL |
30V N-Channel PowerTrench SyncFET TM 30V N-Channel PowerTrench SyncFET TM 30V N-Channel PowerTrench? SyncFET 30V N-Channel PowerTrenchÒ SyncFET™ From old datasheet system 30V N-Channel PowerTrench SyncFET 62 A, 30 V, 0.0085 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
RSS065N03 RSS065N03FU6TB RSS065N03TB |
6.5 A, 30 V, 0.042 ohm, N-CHANNEL, Si, POWER, MOSFET Switching (30V 6.5A) Switching (30V, 6.5A)
|
ROHM[Rohm]
|
STS3DPF20V |
DUAL P-CHANNEL 20V - 0.090 ohm - 3A SO-8 STripFET POWER MOSFET DUAL P-CHANNEL 20V - 0.090 ohm - 3A SO-8 STripFET⑩ POWER MOSFET DUAL P-CHANNEL 30V - 0.13 OHM - 3A SO-8 STRIPFET POWER MOSFET DUAL P-CHANNEL 20V - 0.090 OHM - 3A SO-8 STRIPFET POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
|